Part Number Hot Search : 
305000 BYG24 BYG24 GBP3010 MB90F S9S12X MBT2369 A1284
Product Description
Full Text Search
 

To Download 1008AF-103X-L- Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  chip inductors C 1008af (2520) document 578-1 document 578-1 revised 10/12/15 inductance 2 percent srf min 5 dcr max 6 i sat 7 i rms 8 part number 1 (h) tolerance 3 q typ 4 (mhz) (ohms) (a) (a) 1008af-901x_l_ 0.9 10, 5 25 415 0.100 1.4 1.3 1008af-112x_l_ 1.1 10, 5 24 376 0.105 1.3 1.2 1008af-132x_l_ 1.3 10, 5 37 198 0.110 1.2 1.1 1008af-152x_l_ 1.5 10, 5 22 135 0.125 1.1 1.0 1008af-192x_l_ 1.9 10, 5 29 126 0.140 1.0 1.0 1008af-222x_l_ 2.2 10, 5 21 106 0.155 0.95 0.95 1008af-272x_l_ 2.7 10, 5 22 70 0.190 0.80 0.90 1008af-332x_l_ 3.3 10, 5 21 59 0.210 0.75 0.80 1008af-392x_l_ 3.9 10, 5 21 55 0.220 0.70 0.80 1008af-472x_l_ 4.7 10, 5 27 48 0.435 0.70 0.65 1008af-582x_l_ 5.8 10, 5 21 37 0.280 0.55 0.75 1008af-682x_l_ 6.8 10, 5 20 33 0.315 0.50 0.70 1008af-822x_l_ 8.2 10, 5 20 34 0.395 0.50 0.65 1008af-103x_l_ 10.0 10, 5 22 26 0.480 0.45 0.55 ? lowest dcr and highest current rating of our 1008 size inductors ? available in 14 inductance values from 0.9 to 10 h. 1. when ordering, specify tolerance, termination and packaging codes: 1008af-103x jlc tolerance: j = 5% k = 10% (table shows stock tolerances in bold.) termination: l = rohs compliant silver-palladium-platinum-glass frit. special order: t = rohs tin-silver-copper (95.5/4/0.5) or s = non-rohs tin-lead (63/37). packaging: c = 7 machine-ready reel. eia-481 embossed plastic tape (2000 parts per full reel). b = less than full reel. in tape, but not machine ready. to have a leader and trailer added ($25 charge), use code letter c instead. d = 13 machine-ready reel. eia-481 embossed plastic tape. factory order only, not stocked (7500 parts per full reel). 2. inductance measured at 2.5 mhz using coilcraft smd-a fxture in an agilent/hp 4286a impedance analyzer with coilcraft-provided correla - tion pieces. 3. tolerances in bold are stocked for immediate shipment. 4. q measured at 2.5 mhz using an agilent/hp 4291a with an agilent/hp 16193 test fxture. 5. srf measured using an agilent/hp 8753d network analyzer with a coilcraft smd-d fxture. 6. dcr measured on a cambridge technology micro-ohmmeter. 7. dc current at 25c that causes an inductance drop of 10% (typ) from its value without current. click for temperature derating information . 8. current that causes a 40c temperature rise from 25c ambient. this information is for reference only and does not represent absolute maxi - mum ratings. click for temperature derating information . 9. electrical specifcations at 25c. refer to doc 362 soldering surface mount components before soldering. for part marking data, visit http://www.coilcraft.com/colrcode.cfm. designers kit c414 contains 10 of each 5% value core material ferrite terminations rohs compliant silver-palladium-platinum-glass frit. other terminations available at additional cost. weight 28 C 33 mg ambient temperature C40c to +85c with i rms current. maximum part temperature +125c (ambient + temp rise). derating . storage temperature component: C40c to +125c. tape and reel packaging: C40c to +80c resistance to soldering heat max three 40 second refows at +260c, parts cooled to room temperature between cycles temperature coeffcient of inductance (tcl) +100 to +350 ppm/c moisture sensitivity level (msl) 1 (unlimited foor life at <30c / 85% relative humidity) failures in time (fit) / mean time between failures (mtbf) one per billion hours / one billion hours, calculated per telcordia sr-332 packaging 2000 per 7 reel; 7500 per 13 reel plastic tape: 8 mm wide, 0.3 mm thick, 4 mm pocket spacing, 2.0 mm pocket depth pcb washing tested to mil-std-202 method 215 plus an additional aqueous wash. see doc787_pcb_washing.pdf . request free evaluation samples by contacting coilcraft or visiting www.coilcraft.com.
document 578-2 document 578-2 revised 10/12/15 typical q vs frequency typical l vs frequency 12 11 7 8 9 10 6 5 4 3 2 1 0 0.1 11 0 100 inductance (h ) frequency (mhz ) 1.1 h 10 h 5.8 h 3.9 h 2.2 h 40 35 30 25 20 15 10 5 0 0.1 11 0 100 q f actor frequency (mhz ) 10 h 5.8 h 2.2 h, 3.9 h 1.1 h typical l vs current 12 11 7 8 9 10 6 5 4 3 2 1 0 0.01 0.1 11 0 inductance (h ) current (a) 1.1 h 10 h 5.8 h 3.9 h 2.2 h dimensions are in inches mm ote: height dimension is before optional solder application. for maximum height dimension including solder, add 0.006 in / 0,152 mm. 0.110 2,79 0.075 1,91 0.080 0.002 1,91 0,051 0.098 0.003 2,49 0,076 0.0205 0,5207 max 0.115 2,92 max max max 0.02 0,51 te r minal wraparound: appro x 0.015/0,38 both ends 0.100 2,54 0.040 1,02 0.050 1,27 recommended land p attern pic k and place mater ial (see note) 1008af series (2520)


▲Up To Search▲   

 
Price & Availability of 1008AF-103X-L-

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X